データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 17 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 17 Page - Winbond

Back Button ISD1760PY Datasheet HTML 13Page - Winbond ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond ISD1760PY Datasheet HTML 17Page - Winbond ISD1760PY Datasheet HTML 18Page - Winbond ISD1760PY Datasheet HTML 19Page - Winbond ISD1760PY Datasheet HTML 20Page - Winbond ISD1760PY Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ISD1700 SERIES
Publication Release Date: January 23, 2007
- 17 -
Revision 1.3-S2
Example #2: Recording using AnaIn input via push-button controls
ISD1700
R
OSC
ERASE
PLAY
REC
AGC
AnaIn
MIC -
MIC+
MISO
MOSI
SCLK
SS
FWD
VOL
24
23
25
26
19
10
11
20
18
22
9
7
6
5
4
*** At 8kHz sampling freq, Rosc = 80 K
Rosc ***
4.7 F
μ
FT
0.1 F
μ
: Digital ground;
: Analog ground;
: Ground for SP+;
: Ground for SP-
3
RESET
0.1 F
μ
Reset
Vcc
Gnd
V
CCA
SP+
AUD/AUX
V
SSD
V
CCD
V
CCA
0.1 F
μ
LED
1 K
Ω
V
CCD
*
D1
2
1
28
17
V
CCA
V
CCD
V
CCP
V
SSA
V
CCP
V
SSP1
SP-
V
SSP2
V
CCP
0.1 F
μ
0.1 F
μ
*
*
21
8
14
16
12
0.1 F
μ
*
INT/RDY
27
**
**
15
13
Speaker
or Buzzer
V
CCD
Optional
Ω
100 K
vAlert
Optional: based upon the applications
390
Ω
0.1 F
μ
V
CC
8050C
Speaker
AUX
AUD


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
SYC Electronica
ISD1760P SYC-ISD1760P Datasheet
377Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
Multi-Message Single-Chip Voice Record&Playback Devices
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com