データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 18 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 18 Page - Winbond

Back Button ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond ISD1760PY Datasheet HTML 17Page - Winbond ISD1760PY Datasheet HTML 18Page - Winbond ISD1760PY Datasheet HTML 19Page - Winbond ISD1760PY Datasheet HTML 20Page - Winbond ISD1760PY Datasheet HTML 21Page - Winbond ISD1760PY Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ISD1700 SERIES
- 18 -
Example #3: Connecting the SPI Interface to a microcontroller
ISD1700
R
OSC
ERASE
PLAY
REC
AGC
AnaIn
MIC -
MIC+
MISO
MOSI
SCLK
SS
FWD
VOL
24
23
25
26
19
10
11
20
18
22
9
7
6
5
4
*** At 8kHz sampling freq, Rosc = 80 K
Rosc ***
4.7 F
μ
FT
0.1 F
μ
To uC
SPI
: Digital ground;
: Analog ground;
: Ground for SP+;
: Ground for SP-
Vcc
Gnd
V
CCA
SP+
AUD/AUX
V
SSD
V
CCD
V
CCA
0.1 F
μ
LED
1 K
Ω
V
CCD
*
D1
2
1
28
17
V
CCA
V
CCD
V
CCP
V
SSA
V
CCP
V
SSP1
SP-
V
SSP2
V
CCP
0.1 F
μ
0.1 F
μ
*
*
21
8
14
16
12
0.1 F
μ
*
INT/RDY
27
**
**
15
13
Speaker
or Buzzer
V
CCD
Optional
Ω
100 K
vAlert
Optional: based upon the applications
390
Ω
0.1 F
μ
V
CC
8050C
Speaker
AUX
AUD
3
RESET
0.1 F
μ
Reset
10.1
GOOD AUDIO DESIGN PRACTICES
To ensure the highest quality of voice reproduction, it is important to follow good audio design
practices in layout and power supply decoupling. See recommendations from below links or other
Application Notes in our websites.
Design Considerations for ISD1700 Family
AN-CC1002 Design Considerations for ISD1700 Family.pdf
Good Audio Design Practices
http://www.winbond-usa.com/products/isd_products/chipcorder/applicationinfo/apin11.pdf
Single-Chip Board Layout Diagrams
http://www.winbond-usa.com/products/isd_products/chipcorder/applicationinfo/apin12.pdf


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com