データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H562II データシート(PDF) 108 Page - STMicroelectronics

部品番号 STM32H562II
部品情報  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II データシート(HTML) 108 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 104Page - STMicroelectronics STM32H562II Datasheet HTML 105Page - STMicroelectronics STM32H562II Datasheet HTML 106Page - STMicroelectronics STM32H562II Datasheet HTML 107Page - STMicroelectronics STM32H562II Datasheet HTML 108Page - STMicroelectronics STM32H562II Datasheet HTML 109Page - STMicroelectronics STM32H562II Datasheet HTML 110Page - STMicroelectronics STM32H562II Datasheet HTML 111Page - STMicroelectronics STM32H562II Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 270 page
background image
F
PF0
-
-
-
-
I2C2_SDA
-
-
-
PF1
-
-
-
-
I2C2_SCL
-
-
-
PF2
-
-
LPTIM3_CH2
LPTIM3_IN2
I2C2_SMBA
-
UART12_TX
USART11_CK
PF3
-
-
LPTIM3_IN1
-
-
-
-
USART11_TX
PF4
-
-
LPTIM3_ETR
-
-
-
-
USART11_RX
PF5
-
-
LPTIM3_CH1
-
I2C4_SCL
I3C1_SCL
UART12_RX
USART11_CTS/
USART11_NSS
PF6
-
TIM16_CH1
-
-
-
SPI5_NSS
SAI1_SD_B
UART7_RX
PF7
-
TIM17_CH1
-
-
-
SPI5_SCK
SAI1_MCLK_B
UART7_TX
PF8
-
TIM16_CH1N
-
-
-
SPI5_MISO
SAI1_SCK_B
UART7_RTS/
UART7_DE
PF9
-
TIM17_CH1N
-
-
-
SPI5_MOSI
SAI1_FS_B
UART7_CTS
PF10
-
TIM16_BKIN
SAI1_D3
-
PSSI_D15
-
-
-
PF11
-
-
-
-
-
SPI5_MOSI
-
-
PF12
-
-
-
-
-
-
-
-
PF13
-
-
-
-
I2C4_SMBA
-
-
-
PF14
-
-
-
-
-
-
-
-
PF15
-
-
-
-
I2C4_SDA
I3C1_SDA
-
-
Table 15. Alternate functions AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS
LPTIM1/
TIM1/2/16/17
LPTIM3/
PDM_SAI1/
TIM3/4/5/12/15
I3C1/LPTIM2/3/
LPUART1/
OCTOSPI/TIM1/8
CEC/DCMI/
I2C1/2/3/4/
LPTIM1/2/SPI1/
I2S1/TIM15/
USART1
CEC/I3C1/LPTIM1/
SPI1/I2S1/SPI2/I2S2/
SPI3/I2S3/SPI4/5/6
I2C4/OCTOSPI/
SAI1/SPI3/I2S3/
SPI4/UART4/12/
USART10/
USB_PD
SDMMC1/SPI2/
I2S2/SPI3/I2S3/
SPI6/UART7/8/12
/USART1/2/3/6/
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More