データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H562RI データシート(PDF) 145 Page - STMicroelectronics

部品番号 STM32H562RI
部品情報  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI データシート(HTML) 145 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 141Page - STMicroelectronics STM32H562RI Datasheet HTML 142Page - STMicroelectronics STM32H562RI Datasheet HTML 143Page - STMicroelectronics STM32H562RI Datasheet HTML 144Page - STMicroelectronics STM32H562RI Datasheet HTML 145Page - STMicroelectronics STM32H562RI Datasheet HTML 146Page - STMicroelectronics STM32H562RI Datasheet HTML 147Page - STMicroelectronics STM32H562RI Datasheet HTML 148Page - STMicroelectronics STM32H562RI Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 270 page
background image
DS14258 Rev 5
145/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
APB1
CEC
0.15
0.15
0.14
0.11
μA/MHz
CRS
0.22
0.23
0.20
0.19
FDCAN1
6.37
5.63
5.14
4.70
I2C1
0.57
0.5
0.49
0.42
I2C2
0.57
0.52
0.5
0.46
I3C1
0.28
0.27
0.28
0.25
LPTIM2
0.91
0.81
0.75
0.69
SPI2
1.04
0.93
0.89
0.78
SPI3
1.00
0.92
0.85
0.76
TIM12
1.41
1.26
1.18
1.06
TIM13
0.92
0.82
0.77
0.70
TIM14
0.89
0.78
0.75
0.66
TIM2
2.86
2.51
2.30
2.11
TIM3
2.52
2.21
2.03
1.87
TIM4
2.43
2.15
1.96
1.79
TIM5
2.79
2.48
2.26
2.06
TIM6
0.54
0.49
0.45
0.42
TIM7
0.56
0.5
0.48
0.43
UART12
1.17
1.06
0.95
0.88
UART4
1.12
0.98
0.93
0.83
UART5
1.09
0.99
0.93
0.84
UART7
1.28
1.14
1.05
0.93
UART8
1.17
1.06
0.94
0.86
UART9
1.12
1.00
0.90
0.84
UCPD1
1.1
1.00
0.90
0.84
USART10
1.35
1.22
1.14
1.02
USART11
1.24
1.11
1.04
0.94
USART2
1.42
1.29
1.19
1.07
USART3
1.35
1.24
1.14
1.02
USART6
1.19
1.08
1.02
0.92
WWDG1
0.39
0.35
0.35
0.30
APB1
1.85
1.61
1.49
1.34
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More