| データシートサーチシステム |
|
STM32H562RI データシート(PDF) 205 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H562RI データシート(HTML) 205 Page - STMicroelectronics |
|
205 / 270 page ![]() DS14258 Rev 5 205/270 STM32H562xx and STM32H563xx Electrical characteristics 238 3. This frequency is the analog ADC specification, it must respect the value in Table 21. 4. These values are valid on BGA packages. 5. Depending upon the package, VREF+ can be internally connected to VDDA, and VREF- to VSSA. 6. The tolerance is two LSBs for 12-bit, 10-bit and 8-bit resolutions, otherwise specified. Table 96. Minimum sampling time versus RAIN(1)(2) Resolution RAIN (Ω) Minimum sampling time (s) Fast channel Slow channel(3) 12 bits 47 3.75E-08 6.12E-08 68 3.94E-08 6.25E-08 100 4.36E-08 6.51E-08 150 5.11E-08 7.00E-08 220 6.54E-08 7.86E-08 330 8.80E-08 9.57E-08 470 1.17E-07 1.23E-07 680 1.60E-07 1.65E-07 10 bits 47 3.19E-08 5.17E-08 68 3.35E-08 5.28E-08 100 3.66E-08 5.45E-08 150 4.35E-08 5.83E-08 220 5.43E-08 6.50E-08 330 7.18E-08 7.89E-08 470 9.46E-08 1.00E-07 680 1.28E-07 1.33E-07 1000 1.81E-07 1.83E-07 1500 2.63E-07 2.63E-07 2200 3.79E-07 3.76E-07 3300 5.57E-07 5.52E-07 |