| データシートサーチシステム |
|
STM32H563RI データシート(PDF) 206 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H563RI データシート(HTML) 206 Page - STMicroelectronics |
|
206 / 270 page ![]() Electrical characteristics STM32H562xx and STM32H563xx 206/270 DS14258 Rev 5 8 bits 47 2.64E-08 4.17E-08 68 2.76E-08 4.24E-08 100 3.02E-08 4.39E-08 150 3.51E-08 4.66E-08 220 4.27E-08 5.13E-08 330 5.52E-08 6.19E-08 470 7.17E-08 7.72E-08 680 9.68E-08 1.00E-07 1000 1.34E-07 1.37E-07 1500 1.93E-07 1.94E-07 2200 2.76E-07 2.74E-07 3300 4.06E-07 4.01E-07 4700 5.73E-07 5.62E-07 6800 8.21E-07 7.99E-07 10000 1.20E-06 1.17E-06 15000 1.79E-06 1.74E-06 6 bits 47 2.14E-08 3.16E-08 68 2.23E-08 3.21E-08 100 2.40E-08 3.31E-08 150 2.68E-08 3.52E-08 220 3.13E-08 3.87E-08 330 3.89E-08 4.51E-08 470 4.88E-08 5.39E-08 680 6.38E-08 6.79E-08 1000 8.70E-08 8.97E-08 1500 1.23E-07 1.24E-07 2200 1.73E-07 1.73E-07 3300 2.53E-07 2.49E-07 4700 3.53E-07 3.45E-07 6800 5.04E-07 4.90E-07 10000 7.34E-07 7.11E-07 15000 1.09E-06 1.05E-06 1. Specified by design - Not tested in production. 2. Data valid up to 130 °C, with a 22 pF PCB capacitor, and VDDA = 1.6 V. Table 96. Minimum sampling time versus RAIN(1)(2) (continued) Resolution RAIN (Ω) Minimum sampling time (s) Fast channel Slow channel(3) |