データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP86CS49UG データシート(PDF) 187 Page - Toshiba Semiconductor

部品番号 TMP86CS49UG
部品情報  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG データシート(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 183Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 184Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 185Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 190Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 252 page
background image
Page 173
TMP86CS49UG
Figure 14-13 Example of Internal Clock and MSB Transmit/Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
C
A
B
Automatic wait
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
D6 D5 D4 D3 D2 D1
D0
D7
E7 E6 E5 E4 E3 E2 E1
F7
E0
F6 F5 F4 F3 F2 F1 F0
Clearing SIOS
Writing transmit
data C
E
D
F
Reading received
data D
Reading received
data E
Reading received
data F
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin output
SO1 pin
SI1 pin
INTSIO1
interrupt
request
SIO1SR<TXF>
SIO1SR<RXF>
SIO1RDB
SIO1TDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More