| データシートサーチシステム |
|
TMP86FS28DFG データシート(PDF) 214 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG データシート(HTML) 214 Page - Toshiba Semiconductor |
|
214 / 272 page ![]() Page 202 16. LCD Driver 16.4 Control Method of LCD Driver TMP86FS28DFG Note:DB is a byte data difinition instruction. Figure 16-6 Example of COM, SEG Pin Connection (1/4 Duty) Example :To display using 1/4 duty LCD a numerical value which corresponds to the LCD data stored in data mem- ory at address 80H (when pins COM and SEG are connected to LCD as in Figure 16-6), display data become as shown in Table 16-6. LD A, (80H) ADD A, TABLE-$-7 LD HL, 0F80H LD W, (PC + A) LD (HL), W RET TABLE: DB 11011111B, 00000110B, 11100011B, 10100111B, 00110110B, 10110101B, 11110101B, 00010111B, 11110111B, 10110111B Table 16-6 Example of Display Data (1/4 Duty) No. display Display data No. display Display data 0 11011111 5 10110101 1 00000110 6 11110101 2 11100011 7 00000111 3 10100111 8 11110111 4 00110110 9 10110111 SEG0 SEG1 COM0 COM1 COM2 COM3 |