| データシートサーチシステム |
|
TMP86FS28DFG データシート(PDF) 242 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG データシート(HTML) 242 Page - Toshiba Semiconductor |
|
242 / 272 page ![]() Page 230 18. Serial PROM Mode 18.6 Operation Mode TMP86FS28DFG record, the external controller judges whether the transmission is completed correctly by receiving the checksum sent by the device. 14. After transmitting the checksum, the device waits for the next operation command data. Note 1: Do not write only the address from FFE0H to FFFFH when all flash memory data is the same. If only these area are written, the subsequent operation can not be executed due to password error. Note 2: To rewrite data to Flash memory addresses at which data (including FFH) is already written, make sure to erase the existing data by "sector erase" or "chip erase" before rewriting data. |