データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSZ9567R データシート(PDF) 222 Page - Microchip Technology

部品番号 KSZ9567R
部品情報  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R データシート(HTML) 222 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 218Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 219Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 220Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 221Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 222Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 223Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 224Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 225Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 233 page
background image
KSZ9567R
DS00002329E-page 222
 2022 Microchip Technology Inc. and its subsidiaries
8.2
Package Drawings
FIGURE 8-1:
PACKAGE (DRAWING)
B
A
0.20 C
0.20 C
C
SEATING
PLANE
1
2
N
4X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.08 C
Microchip Technology Drawing C04-418B Sheet 1 of 2
128X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
128-Lead Thin Quad Flatpack (6XX) - 14x14x1.0 mm Body [TQFP]
With 10x10 mm Exposed Pad
D
D1
E
E1
128 TIPS
D2
E2
(DATUM B)
(DATUM A)
NOTE 1
NOTE 1
e
DETAIL B
A2
A
A1
DETAIL A
128X b
0.07 C A B
L
(L1)
GAUGE PLANE
c
DETAIL A
3
1
2
3
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More