データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSZ9567R データシート(PDF) 231 Page - Microchip Technology

部品番号 KSZ9567R
部品情報  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R データシート(HTML) 231 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 225Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 226Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 227Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 228Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 229Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 230Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 231Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 232Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 233Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 231 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 231
KSZ9567R
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
KSZ9567R = 7-Port Switch with 2 RGMII/MII/RMII Interfaces
Package:
TX
= 128-pin TQFP-EP
Temperature
Range:
I= -40
C to +85C
(Industrial)
Tape and Reel
Option:
Blank = Standard packaging (tray)
-TR
= Tape and Reel (Note 1)
Examples:
a)
KSZ9567RTXI
128-pin TQFP-EP package,
Industrial temperature,
Standard packaging
b)
KSZ9567RTXI-TR
128-pin TQFP-EP package,
Industrial temperature,
Tape and reel
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
X
XX
Package
Temp.
Device
[XX]( 1)
Tape & Reel
Option
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More