データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-AV33A データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 S-AV33A
部品情報  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AV33A データシート(HTML) 2 Page - Toshiba Semiconductor

  S-AV33A Datasheet HTML 1Page - Toshiba Semiconductor S-AV33A Datasheet HTML 2Page - Toshiba Semiconductor S-AV33A Datasheet HTML 3Page - Toshiba Semiconductor S-AV33A Datasheet HTML 4Page - Toshiba Semiconductor S-AV33A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S-AV33A
2007-06-21
2
PACKAGE OUTLINE
ELECTRICAL CHARACTERISTICS (Tc = 25°C, ZG = 50Ω)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Frequency Range
frange
134
174
MHz
Output Power
Po
32
W
Power Gain
Gp
28
dB
Total Efficiency
ηT
45
%
Input VSWR
VSWRin
3.0
Second Harmonic
2nd HRM
VDD = 12.5 V
VGG = 5 V
Pi = 50 mW
ZL = 50 Ω
-30
dB
Third Harmonic
3rd HRM
-30
dB
Ruggedness
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32 W)
Pi = 50 mW
Po = 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 20: 1 ALL PHASE (@ 2 s)
No Damage
Stability
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32 W)
Pi = 50 mW
Po ≤ 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 3: 1 ALL PHASE
No spurious output
of -60 dB or greater
Note 5:The output power is intended to follow the rating provided in Figure 1 in Note 2.
Note 6: Stability
Measurements are performed under the conditions where VSWR is at 3:1 through all phases over the whole frequency
range, and they are guaranteed only under those conditions. Even though it is guaranteed to be stable where VSWR is
at 3:1, the VSWR load over the operating frequency should be designed to be 50 Ω .At the same time, ensure that the
VSWR load does not deviate much from 50Ω even for a moment, nor deviate even a little from 50Ω continually. The
S-AU82AL is not intended for such operations, and proper operation under such conditions is not guaranteed due to the
possibilities of heat generation in the module and its applications.
RF Input
VGG
VDD
RF Output
GROUND(Flange)
JEDEC
JEITA
TOSHIBA
5-53P
Weight: 35 g
Unit: mm


同様の部品番号 - S-AV33A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
More results

同様の説明 - S-AV33A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AV40 TOSHIBA-S-AV40 Datasheet
180Kb / 6P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 30W COMMERCIAL VHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AU83AH TOSHIBA-S-AU83AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com