| データシートサーチシステム |
|
LSM6DSV320X データシート(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV320X データシート(HTML) 133 Page - STMicroelectronics |
|
133 / 212 page ![]() 13.8 FSM_INT1 (0Bh) INT1 pin control register (R/W) Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of the selected signals. Table 291. FSM_INT1 register INT1_FSM8 INT1_FSM7 INT1_FSM6 INT1_FSM5 INT1_FSM4 INT1_FSM3 INT1_FSM2 INT1_FSM1 Table 292. FSM_INT1 register description INT1_FSM8(1) Routing FSM8 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM7(1) Routing FSM7 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM6(1) Routing FSM6 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM5(1) Routing FSM5 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM4(1) Routing FSM4 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM3(1) Routing FSM3 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM2(1) Routing FSM2 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) INT1_FSM1(1) Routing FSM1 interrupt event to INT1. Default value: 0 (0: routing to INT1 disabled; 1: routing to INT1 enabled) 1. This bit is activated if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. LSM6DSV320X Embedded functions register description DS14623 - Rev 1 page 133/212 |