| データシートサーチシステム |
|
ST72F521 データシート(PDF) 199 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521 データシート(HTML) 199 Page - STMicroelectronics |
|
199 / 215 page ![]() ST72F521, ST72521B 199/215 13.2 THERMAL CHARACTERISTICS Notes: 1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) TQFP80 14x14 TQFP64 14x14 TQFP64 10x10 55 47 50 °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C |