| データシートサーチシステム |
|
ST72F521R9TC データシート(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521R9TC データシート(HTML) 134 Page - STMicroelectronics |
|
134 / 215 page ![]() ST72F521, ST72521B 134/215 CONTROLLER AREA NETWORK (Cont’d) – ERROR. The error management as described in the CAN protocol is completely handled by hard- ware using 2 error counters which get increment- ed or decremented according to the error condition. Both of them may be read by the appli- cation to determine the stability of the network. Moreover, as one of the node status bits (EPSV or BOFF of the CSR register) changes, an inter- rupt is generated if the SCIE bit is set in the ICR Register. Refer to Figure 71. Figure 71. CAN Error State Diagram ERROR PASSIVE When TECR or RECR > 127, the EPSV bit gets set When TECR and RECR < 128, and the EPSV bit gets cleared ERROR ACTIVE BUS OFF When TECR > 255 the BOFF bit gets set When 128 * 11 recessive bits occur: - the BOFF bit gets cleared - the TECR register gets cleared - the RECR register gets cleared the EPSV bit gets cleared |