データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72F521R9TC データシート(PDF) 214 Page - STMicroelectronics

部品番号 ST72F521R9TC
部品情報  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC データシート(HTML) 214 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 207Page - STMicroelectronics ST72F521R9TC Datasheet HTML 208Page - STMicroelectronics ST72F521R9TC Datasheet HTML 209Page - STMicroelectronics ST72F521R9TC Datasheet HTML 210Page - STMicroelectronics ST72F521R9TC Datasheet HTML 211Page - STMicroelectronics ST72F521R9TC Datasheet HTML 212Page - STMicroelectronics ST72F521R9TC Datasheet HTML 213Page - STMicroelectronics ST72F521R9TC Datasheet HTML 214Page - STMicroelectronics ST72F521R9TC Datasheet HTML 215Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 214 / 215 page
background image
ST72F521, ST72521B
214/215
16 REVISION HISTORY
Table 34. Revision History
Date
Revision
Description of Changes
7-Dec-2004
3
Added Figure 82 on page 153
Reinstated “I/O behaviour during ICC mode entry sequence” on page 213
Reinstated “BUSOFF not entered” in “CAN Cell Limitations” on page 212
Added “flash only” to PC6 Iinj spec in Section 12.2 and Section 12.8
4-Mar-2005
4
Added Note on SMbus to Section 10.7
Static current consumption modified in section 12.8 on page 182
Updated footnote and Figure 103 and Figure 104 on page 186
Modified VtPOR in section 12.3.2 on page 168
Added note 4 below Table of “CAN Cell Limitations” on page 212
18-May-2005
5
Corrected MCO description in Table 1 and Section 10.2
Updated footnotes and Figure 103 and Figure 104 on page 186.
Updated soldering information in section 13.3 on page 200
Added Suffix 3 to Figure 118 on page 203
Updated partnumbers in Table 30 on page 205
Added “Reset pin protection with LVD Enabled” on page 211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More