データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F271E データシート(PDF) 165 Page - STMicroelectronics

部品番号 ST10F271E
部品情報  16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271E データシート(HTML) 165 Page - STMicroelectronics

Back Button ST10F271E Datasheet HTML 161Page - STMicroelectronics ST10F271E Datasheet HTML 162Page - STMicroelectronics ST10F271E Datasheet HTML 163Page - STMicroelectronics ST10F271E Datasheet HTML 164Page - STMicroelectronics ST10F271E Datasheet HTML 165Page - STMicroelectronics ST10F271E Datasheet HTML 166Page - STMicroelectronics ST10F271E Datasheet HTML 167Page - STMicroelectronics ST10F271E Datasheet HTML 168Page - STMicroelectronics ST10F271E Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 180 page
background image
ST10F271B/ST10F271E
Electrical characteristics
165/180
Figure 54.
External memory cycle: Demultiplexed bus, with/without r/w delay, normal ALE
Write cycle
CLKOUT
ALE
A23-A16
A15-A0 (P1)
BHE
WR
WRL
WRH
Data in
Data out
t38
t5
t9
t39
t41
t18
t14
t22
t12
Address
t17
t13
t15
t12
t13
t21
t20
t81
t80
t26
t24
t17
t6
t41u
t6
t80
t81
t28 (or t28h)
CSx
Read cycle
Data bus (P0)
RD
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More