データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62008AFWG データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TD62008AFWG
部品情報  7ch Darlington Sink Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62008AFWG データシート(HTML) 8 Page - Toshiba Semiconductor

  TD62008AFWG Datasheet HTML 1Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 2Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 3Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 4Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 5Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 6Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 7Page - Toshiba Semiconductor TD62008AFWG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TD62008AFWG
2007-10-16
8
About solderability, following conditions were confirmed
• Solderability
(1) Use of Sn-37Pb solder Bath
· solder bath temperature
= 230°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
(2) Use of Sn-3.0Ag-0.5Cu solder Bath
· solder bath temperature
= 245°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
RESTRICTIONS ON PRODUCT USE
070122EBA_R6
• The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patents or other rights of
TOSHIBA or the third parties. 070122_C
• Please use this product in compliance with all applicable laws and regulations that regulate the inclusion or use of
controlled substances.
Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws
and regulations. 060819_AF
• The products described in this document are subject to foreign exchange and foreign trade control laws. 060925_E


同様の部品番号 - TD62008AFWG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62008AF TOSHIBA-TD62008AF Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62008AFG TOSHIBA-TD62008AFG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
More results

同様の説明 - TD62008AFWG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com