データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G474VC データシート(PDF) 118 Page - STMicroelectronics

部品番号 STM32G474VC
部品情報  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VC データシート(HTML) 118 Page - STMicroelectronics

Back Button STM32G474VC Datasheet HTML 114Page - STMicroelectronics STM32G474VC Datasheet HTML 115Page - STMicroelectronics STM32G474VC Datasheet HTML 116Page - STMicroelectronics STM32G474VC Datasheet HTML 117Page - STMicroelectronics STM32G474VC Datasheet HTML 118Page - STMicroelectronics STM32G474VC Datasheet HTML 119Page - STMicroelectronics STM32G474VC Datasheet HTML 120Page - STMicroelectronics STM32G474VC Datasheet HTML 121Page - STMicroelectronics STM32G474VC Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
118/232
DS12288 Rev 1
APB2
HRTIM
69.98
65.11
53.68
60.95
µA/MHz
SAI1
2.67
2.48
2.05
2.64
SPI1
1.99
1.86
1.54
2.02
SPI4
1.99
1.86
1.54
2.02
1.78
10.85
10.13
8.40
9.93
TIM8
10.67
9.96
8.25
9.82
TIM15
4.81
4.48
3.71
4.57
TIM16
3.71
3.45
2.88
3.45
TIM17
3.66
3.41
2.83
3.81
TIM20
10.71
9.99
8.29
10.00
USART1
2.49
2.31
1.91
2.49
SYSCFG/COMP/OPAMP/VREFBUF
1.63
1.52
1.25
0.91
Table 38. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More