| データシートサーチシステム |
|
WM8994ECS/R データシート(PDF) 115 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R データシート(HTML) 115 Page - Cirrus Logic |
|
115 / 363 page ![]() WM8994 Rev 4.6 115 HEADPHONE SIGNAL PATHS ENABLE The HPOUT1L and HPOUT1R output paths can be actively discharged to AGND through internal resistors if desired. This is desirable at start-up in order to achieve a known output stage condition prior to enabling the VMID reference voltage. This is also desirable in shutdown to prevent the external connections from being affected by the internal circuits. The HPOUT1L and HPOUT1R outputs are shorted to AGND by default; the short circuit is removed on each of these paths by setting the applicable fields HPOUT1L_RMV_SHORT or HPOUT1R_RMV_SHORT. The ground-referenced Headphone output drivers are designed to suppress pops and clicks when enabled or disabled. However, it is necessary to control the drivers in accordance with a defined sequence in start-up and shutdown to achieve the pop suppression. It is also necessary to schedule the DC Servo offset correction at the appro priate point in the sequence (see “DC Servo”). Table 54 and Table 55 describe the recommended sequences for enabling and disabling these output drivers. SEQUENCE HEADPHONE ENABLE Step 1 HPOUT1L_ENA = 1 HPOUT1R_ENA = 1 Step 2 20 s delay Step 3 HPOUT1L_DLY = 1 HPOUT1R_DLY = 1 Step 4 DC offset correction Step 5 HPOUT1L_OUTP = 1 HPOUT1L_RMV_SHORT = 1 HPOUT1R_OUTP = 1 HPOUT1R_RMV_SHORT = 1 Table 54 Headphone Output Enable Sequence SEQUENCE HEADPHONE DISABLE Step 1 HPOUT1L_RMV_SHORT = 0 HPOUT1L_DLY = 0 HPOUT1L_OUTP = 0 HPOUT1R_RMV_SHORT = 0 HPOUT1R_DLY = 0 HPOUT1R_OUTP = 0 Step 2 HPOUT1L_ENA = 0 HPOUT1R_ENA = 0 Table 55 Headphone Output Disable Sequence The register bits relating to pop suppression control are defined in Table 56. |