| データシートサーチシステム |
|
WM8994ECS/R データシート(PDF) 160 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R データシート(HTML) 160 Page - Cirrus Logic |
|
160 / 363 page ![]() WM8994 160 Rev 4.6 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R1840 (0730h) Interrupt Status 1 10 GP11_EINT 0 GPIO11 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 9 GP10_EINT 0 GPIO10 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 8 GP9_EINT 0 GPIO9 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 7 GP8_EINT 0 GPIO8 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 6 GP7_EINT 0 GPIO7 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 5 GP6_EINT 0 GPIO6 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 4 GP5_EINT 0 GPIO5 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 3 GP4_EINT 0 GPIO4 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 2 GP3_EINT 0 GPIO3 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 1 GP2_EINT 0 GPIO2 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 GP1_EINT 0 GPIO1 Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. |