| データシートサーチシステム |
|
LAN9252TI/ML データシート(PDF) 171 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252TI/ML データシート(HTML) 171 Page - Microchip Technology |
|
171 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 171 LAN9252 2 INT2 This interrupt source bit indicates a Parallel Detection fault. 0: Not source of interrupt 1: Parallel Detection fault RO/LH 0b 1 INT1 This interrupt source bit indicates an Auto-Negotiation page received. 0: Not source of interrupt 1: Auto-Negotiation page received RO/LH 0b 0 RESERVED RO - Bits Description Type Default |