| データシートサーチシステム |
|
LAN9252I/ML データシート(PDF) 315 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252I/ML データシート(HTML) 315 Page - Microchip Technology |
|
315 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 315 LAN9252 18.6 AC Specifications This section details the various AC timing specifications of the device. Note: The I2C timing adheres to the NXP I2C-Bus Specification. Refer to the NXP I2C-Bus Specification for detailed I2C timing information. Note: The MII/SMI timing adheres to the IEEE 802.3 Specification. Note: The RMII timing adheres to the RMII Consortium RMII Specification R1.2. 18.6.1 EQUIVALENT TEST LOAD Output timing specifications assume the 25 pF equivalent test load, unless otherwise noted, as illustrated in Figure 18-1. FIGURE 18-1: OUTPUT EQUIVALENT TEST LOAD 25 pF OUTPUT |