データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9252V/PT データシート(PDF) 163 Page - Microchip Technology

部品番号 LAN9252V/PT
部品情報  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/PT データシート(HTML) 163 Page - Microchip Technology

Back Button LAN9252V/PT Datasheet HTML 159Page - Microchip Technology LAN9252V/PT Datasheet HTML 160Page - Microchip Technology LAN9252V/PT Datasheet HTML 161Page - Microchip Technology LAN9252V/PT Datasheet HTML 162Page - Microchip Technology LAN9252V/PT Datasheet HTML 163Page - Microchip Technology LAN9252V/PT Datasheet HTML 164Page - Microchip Technology LAN9252V/PT Datasheet HTML 165Page - Microchip Technology LAN9252V/PT Datasheet HTML 166Page - Microchip Technology LAN9252V/PT Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 163
LAN9252
100
100BASE-TX Full Duplex is advertised. Auto-Negotiation enabled. CRS is active during
Receive.
101
RESERVED
110
Power Down mode.
111
All capable. Auto-Negotiation enabled.
TABLE 11-12: MODE[2:0] DEFINITIONS (CONTINUED)
MODE[2:0]
Mode Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More