データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412VGJ3PTR データシート(PDF) 179 Page - STMicroelectronics

部品番号 STM32F412VGJ3PTR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGJ3PTR データシート(HTML) 179 Page - STMicroelectronics

Back Button STM32F412VGJ3PTR Datasheet HTML 175Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 176Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 177Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 178Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 179Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 180Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 181Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 182Page - STMicroelectronics STM32F412VGJ3PTR Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 201 page
background image
DocID028087 Rev 7
179/201
STM32F412xE/G
Package information
196
Device marking for LQFP100
The following figure gives an example of topside marking and pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depend on supply chain operations, are
not indicated below.
Figure 71. LQFP100 marking example (package top view)
1. Parts marked as “ES” or “E” or accompanied by an Engineering Sample notification letter are not yet
qualified and therefore not approved for use in production. ST is not responsible for any consequences
resulting from such use. In no event will ST be liable for the customer using any of these engineering
samples in production. ST’s Quality department must be contacted prior to any decision to use these
engineering samples to run a qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More