データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412RGY3PTR データシート(PDF) 180 Page - STMicroelectronics

部品番号 STM32F412RGY3PTR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY3PTR データシート(HTML) 180 Page - STMicroelectronics

Back Button STM32F412RGY3PTR Datasheet HTML 176Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 177Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 178Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 179Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 180Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 181Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 182Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 183Page - STMicroelectronics STM32F412RGY3PTR Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 201 page
background image
Package information
STM32F412xE/G
180/201
DocID028087 Rev 7
7.5
LQFP144 package information
Figure 72. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More