データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412REH3P データシート(PDF) 154 Page - STMicroelectronics

部品番号 STM32F412REH3P
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REH3P データシート(HTML) 154 Page - STMicroelectronics

Back Button STM32F412REH3P Datasheet HTML 150Page - STMicroelectronics STM32F412REH3P Datasheet HTML 151Page - STMicroelectronics STM32F412REH3P Datasheet HTML 152Page - STMicroelectronics STM32F412REH3P Datasheet HTML 153Page - STMicroelectronics STM32F412REH3P Datasheet HTML 154Page - STMicroelectronics STM32F412REH3P Datasheet HTML 155Page - STMicroelectronics STM32F412REH3P Datasheet HTML 156Page - STMicroelectronics STM32F412REH3P Datasheet HTML 157Page - STMicroelectronics STM32F412REH3P Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 201 page
background image
Electrical characteristics
STM32F412xE/G
154/201
DocID028087 Rev 7
Figure 52. Asynchronous multiplexed PSRAM/NOR read waveforms
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Table 87. Asynchronous non-multiplexed SRAM/PSRAM/NOR write -
NWAIT timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
8THCLK - 1
8THCLK + 0.5
ns
tw(NWE)
FSMC_NWE low time
6THCLK + 0.5
6THCLK + 1
tsu(NWAIT_NE)
FSMC_NWAIT valid before FSMC_NEx high 6THCLK + 0.5
-
th(NE_NWAIT)
FSMC_NEx hold time after FSMC_NWAIT
invalid
4THCLK + 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More