データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7262 データシート(PDF) 137 Page - STMicroelectronics

部品番号 ST7262
部品情報  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 データシート(HTML) 137 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 131Page - STMicroelectronics ST7262 Datasheet HTML 132Page - STMicroelectronics ST7262 Datasheet HTML 133Page - STMicroelectronics ST7262 Datasheet HTML 134Page - STMicroelectronics ST7262 Datasheet HTML 135Page - STMicroelectronics ST7262 Datasheet HTML 136Page - STMicroelectronics ST7262 Datasheet HTML 137Page - STMicroelectronics ST7262 Datasheet HTML 138Page - STMicroelectronics ST7262 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 139 page
background image
137/139
Figure 92. Revision Marking on Box Label and Device Marking
Note: Refer also to Table 32 on page 135 for additional revision identification notes
TYPE xxxx
Internalxxx$xx
Trace Code
LAST 2 DIGITS AFTER $
IN INTERNAL SALES TYPE
INDICATE SILICON REV.
LAST LETTER OF TRACE CODE
ON DEVICE INDICATES
SILICON REV.
ON BOX LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More