データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F205RBH7 データシート(PDF) 158 Page - STMicroelectronics

部品番号 STM32F205RBH7
部品情報  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7 データシート(HTML) 158 Page - STMicroelectronics

Back Button STM32F205RBH7 Datasheet HTML 154Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 155Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 156Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 157Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 158Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 159Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 160Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 161Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 184 page
background image
Package information
STM32F20xxx
158/184
DocID15818 Rev 15
Device marking
Figure 83 gives an example of topside marking orientation versus Pin 1 identifier location.
Figure 83. LQFP100 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More