データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F205RBH7 データシート(PDF) 165 Page - STMicroelectronics

部品番号 STM32F205RBH7
部品情報  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7 データシート(HTML) 165 Page - STMicroelectronics

Back Button STM32F205RBH7 Datasheet HTML 161Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 162Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 163Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 164Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 165Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 166Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 167Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 168Page - STMicroelectronics STM32F205RBH7 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
DocID15818 Rev 15
165/184
STM32F20xxx
Package information
183
Figure 88. LQFP176 - 176-pin, 24 x 24 mm low profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More