| データシートサーチシステム |
|
STM32F205RBH7 データシート(PDF) 182 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RBH7 データシート(HTML) 182 Page - STMicroelectronics |
|
182 / 184 page ![]() Revision history STM32F20xxx 182/184 DocID15818 Rev 15 04-Nov-2013 11 In the whole document, updated notes related to WLCSP64+2 usage with IRROFF set to VDD. Updated Section 3.14: Power supply schemes, Section 3.15: Power supply supervisor, Section 3.16.1: Regulator ON and Section 3.16.2: Regulator OFF. Added Section 3.16.3: Regulator ON/OFF and internal reset ON/OFF availability. Added note related to WLCSP64+2 package. Restructured RTC features and added reference clock detection in Section 3.17: Real-time clock (RTC), backup SRAM and backup registers. Added note indicating the package view below Figure 10: STM32F20x LQFP64 pinout, Figure 12: STM32F20x LQFP100 pinout, Figure 13: STM32F20x LQFP144 pinout, and Figure 14: STM32F20x LQFP176 pinout. Added Table 7: Legend/abbreviations used in the pinout table. Table 8: STM32F20x pin and ball definitions: content reformatted; removed indexes on VSS and VDD; updated PA4, PA5, PA6, PC4, BOOT0; replaced DCMI_12 by DCMI_D12, TIM8_CHIN by TIM8_CH1N, ETH_MII_RX_D0 by ETH_MII_RXD0, ETH_MII_RX_D1 by ETH_MII_RXD1, ETH_RMII_RX_D0 by ETH_RMII_RXD0, ETH_RMII_RX_D1 by ETH_RMII_RXD1, and RMII_CRS_DV by ETH_RMII_CRS_DV. Table 10: Alternate function mapping: replaced FSMC_BLN1 by FSMC_NBL1, added EVENTOUT as AF15 alternated function for PC13, PC14, PC15, PH0, PH1, and PI8. Updated Figure 17: Pin loading conditions and Figure 18: Pin input voltage. Added VIN in Table 14: General operating conditions. Removed note applying to VPOR/PDR minimum value in Table 19: Embedded reset and power control block characteristics. Updated notes related to CL1 and CL2 in Section : Low-speed external clock generated from a crystal/ceramic resonator. Updated conditions in Table 41: EMS characteristics. Updated Table 42: EMI characteristics. Updated VIL, VIH and VHys in Table 46: I/O static characteristics. Added Section : Output driving currentand updated Figure 39: I/O AC characteristics definition. Updated VIL(NRST) and VIH(NRST) in Table 49: NRST pin characteristics, updated Figure 39: I/O AC characteristics definition. Removed tests conditions in Section : I2C interface characteristics. Updated Table 52: I2C characteristics and Figure 41: I2C bus AC waveforms and measurement circuit. Updated IVREF+ and IVDDA in Table 66: ADC characteristics. Updated Offset comments in Table 68: DAC characteristics. Updated minimum th(CLKH-DV) value in Table 78: Synchronous non- multiplexed NOR/PSRAM read timings. Table 97. Document revision history (continued) Date Revision Changes |