データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427IGT7 データシート(PDF) 208 Page - STMicroelectronics

部品番号 STM32F427IGT7
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IGT7 データシート(HTML) 208 Page - STMicroelectronics

Back Button STM32F427IGT7 Datasheet HTML 204Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 205Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 206Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 207Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 208Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 209Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 210Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 211Page - STMicroelectronics STM32F427IGT7 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 231 page
background image
Package information
STM32F427xx STM32F429xx
208/231
DocID024030 Rev 6
Figure 93. LQFP208 - 208-pin, 28 x 28 mm low-profile quad flat package
recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More