データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12LF1501 データシート(PDF) 332 Page - Microchip Technology

部品番号 PIC12LF1501
部品情報  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 データシート(HTML) 332 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 328Page - Microchip Technology PIC12LF1501 Datasheet HTML 329Page - Microchip Technology PIC12LF1501 Datasheet HTML 330Page - Microchip Technology PIC12LF1501 Datasheet HTML 331Page - Microchip Technology PIC12LF1501 Datasheet HTML 332Page - Microchip Technology PIC12LF1501 Datasheet HTML 333Page - Microchip Technology PIC12LF1501 Datasheet HTML 334Page - Microchip Technology PIC12LF1501 Datasheet HTML 335Page - Microchip Technology PIC12LF1501 Datasheet HTML 336Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 332
 2011-2015 Microchip Technology Inc.
31.0
PACKAGING INFORMATION
31.1
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
14-Lead SOIC (.150”)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F1503
-I/SL
1110017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
F1503IST
1110
017
PIC16F1503
-I/P
1110017
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More