| データシートサーチシステム |
|
PIC12LF1501 データシート(PDF) 349 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12LF1501 データシート(HTML) 349 Page - Microchip Technology |
|
349 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 349 PIC16(L)F1503 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC16LF1503, PIC16F1503 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) E= -40 C to +125C (Extended) Package: MG = Micro Lead Frame (QFN) 3x3x0.9 MV = Ultra Thin Micro Lead Frame (UQFN) 3x3x0.5 P= Plastic DIP SL = SOIC ST = TSSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC16LF1503T - I/SL Tape and Reel, Industrial temperature, SOIC package b) PIC16F1503 - I/P Industrial temperature PDIP package c) PIC16F1503 - E/MG 298 Extended temperature, QFN package QTP pattern #298 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: For other small form-factor package availability and marking information, please visit www.microchip.com/packaging or contact your local sales office. [X](1) Tape and Reel Option - |