| データシートサーチシステム |
|
STM32L452VCU6PTR データシート(PDF) 202 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6PTR データシート(HTML) 202 Page - STMicroelectronics |
|
202 / 210 page ![]() Package information STM32L452xx 202/10 DocID029968 Rev 3 7.6 UFQFPN48 package information Figure 55. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |