データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPSB081 データシート(PDF) 126 Page - STMicroelectronics

部品番号 SPSB081
部品情報  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 データシート(HTML) 126 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 122Page - STMicroelectronics SPSB081 Datasheet HTML 123Page - STMicroelectronics SPSB081 Datasheet HTML 124Page - STMicroelectronics SPSB081 Datasheet HTML 125Page - STMicroelectronics SPSB081 Datasheet HTML 126Page - STMicroelectronics SPSB081 Datasheet HTML 127Page - STMicroelectronics SPSB081 Datasheet HTML 128Page - STMicroelectronics SPSB081 Datasheet HTML 129Page - STMicroelectronics SPSB081 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 137 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
QFN32L Epad (5.0x5.0x1.0 mm) package information
Figure 41. QFN32L Epad (5.0x5.0x1.0 mm) package outline
SPSB081
Package information
DS14048 - Rev 3
page 126/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More