データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP83867CSRGZR.B データシート(PDF) 119 Page - Texas Instruments

部品番号 DP83867CSRGZR.B
部品情報  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B データシート(HTML) 119 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 115Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 116Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 117Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 118Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 119Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 120Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 121Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 122Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 129 page
background image
• Added table note explaining how Duty Cycle % must be interpreted in Section 6.10 ..................................... 12
• Added table note explaining how Duty Cycle % must be interpreted in Section 6.10 ..................................... 12
• Added RGMII TX and RX Latency values in Section 6.10 .............................................................................. 12
• Changed suggestion to program '10M_SGMII_RATE_ADAPT' bit in Section 7.4.1.1 .....................................24
• Changed statement about PHY address in Section 7.4.2 ............................................................................... 27
• Deleted mentions of pin strapping to configure Auto-MDIX in Section 7.4.3.9 ................................................33
• Added Figure 7-9 .............................................................................................................................................33
• Deleted "The BIST allows full control of the packet lengths and of the IPG." from Section 7.4.5 ................... 35
• Deleted mention of ALCD from Section 7.4.6 ..................................................................................................35
• Deleted subsection describing ALCD from Section 7.4.6 ................................................................................35
• Added sentence about the polarity of MDI signals in Section 7.4.6.5 ............................................................. 36
• Changed note after Table 7-6 to be a table note referenced within the table. .................................................38
• Changed 'MMD3_PCS_CTRL' address to 'MMD3' register 0x0000 in Section 7.5.5.5 ...................................44
• Deleted mention of MMD7 in Section 7.5.5.5 ..................................................................................................44
• Added definition for register Bit Name type 'Strap' in Section 7.6 ................................................................... 45
• Deleted Advanced Link Cable Diagnostics Control Register (ALCD_CTRL) .................................................. 45
• Added PAP package default for '1000BASE-T FULL DUPLEX' in Section 7.6.10 .......................................... 55
• Changed 'SGMII_EN' default in Section 7.6.14 ...............................................................................................58
• Changed 'MDI_CROSSOVER' default in Section 7.6.14 ................................................................................ 58
• Added PAP package default for 'SPEED_OPT_EN' in Section 7.6.18 ............................................................65
• Added Section 7.6.28 ...................................................................................................................................... 74
• Changed descriptions of bits 'FORCE_DROP' and 'FLD_EN' in Section 7.6.29 .............................................75
• Added Section 7.6.30 ...................................................................................................................................... 76
• Added 'INT_TST_MODE_1' to Section 7.6.31 ................................................................................................ 76
• Changed 'PORT_MIRROR_EN' default in Section 7.6.31 ...............................................................................76
• Added PAP package default for 'RGMII_EN' in Section 7.6.32 ....................................................................... 76
• Added Section 7.6.36 ...................................................................................................................................... 79
• Changed description of 'STRAP_FLD' from "Fast Link Detect" to "Fast Link Drop" in Section 7.6.39 ............81
• Added Section 7.6.42 ...................................................................................................................................... 82
• Added Section 7.6.43 ...................................................................................................................................... 82
• Changed 'RGMII_TX_DELAY_CTRL' default value in Section 7.6.45 ............................................................ 83
• Changed 'RGMII_RX_DELAY_CTRL' default value in Section 7.6.45 ............................................................ 83
• Added Section 7.6.52 ...................................................................................................................................... 85
• Added Section 7.6.57 ...................................................................................................................................... 86
• Changed description of '10M_SGMIII_RATE_ADAPT' in Section 7.6.103 ......................................................94
• Added GPIO_MUX_CTRL register for RGZ devices........................................................................................96
• Added TDR registers 0x0190 to 0x01A4.......................................................................................................... 97
• Added TDR registers........................................................................................................................................ 97
• Added Section 7.6.130 .................................................................................................................................. 103
• Changed 'PCS_RESET' description in Section 7.6.131 ................................................................................ 103
• Changed capacitor value in Figure 8-2 and added footnotes.........................................................................105
• Added requirements for 2.5V clock source capacitors in Section 8.2.1.2 ..................................................... 107
• Added Figure 8-4 ...........................................................................................................................................107
• Added "RMS Jitter" to Table 8-2 ....................................................................................................................107
• Added Section 8.2.1.4 ................................................................................................................................... 109
• Changed capacitor placement in Figure 8-7 and footnote about decoupling capacitor placement................ 110
• Changed capacitor placement in Figure 8-8 and footnote about decoupling capacitor placement................ 110
Changes from Revision A (February 2017) to Revision B (March 2017)
Page
• Changed pin 6 name in the pinout diagram from: VDDA1P0 to: VDD1P0.........................................................3
• Changed INT / PWDN Interrupt description....................................................................................................... 4
• Changed RESERVED bit number from: 15:8 to: 15:9 ..................................................................................... 76
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More