データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EG80C3 データシート(PDF) 107 Page - STMicroelectronics

部品番号 SPC58EG80C3
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3 データシート(HTML) 107 Page - STMicroelectronics

Back Button SPC58EG80C3 Datasheet HTML 103Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 104Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 105Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 106Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 107Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 108Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 109Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 110Page - STMicroelectronics SPC58EG80C3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 139 page
background image
DS11758 Rev 6
107/139
SPC584Gx, SPC58EGx, SPC58NGx
Package information
120
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
The following table lists the case numbers for SPC584Gx, SPC58EGx, SPC58NGx.
5.1
eLQFP176 package information
Refer to Section 5.1.1: Package mechanical drawings and data information for full
description of below figures and table notes.
Table 64. Package case numbers
Package type
Device type
eLQFP176
Production
eTQFP144
Production
FPBGA292
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More