| データシートサーチシステム |
|
STM32L443VCY7TR データシート(PDF) 170 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY7TR データシート(HTML) 170 Page - STMicroelectronics |
|
170 / 215 page ![]() Electrical characteristics STM32L443CC STM32L443RC STM32L443VC 170/215 DS11421 Rev 4 6.3.24 VBAT monitoring characteristics Table 77. VBAT monitoring characteristics Symbol Parameter Min Typ Max Unit R Resistor bridge for VBAT -39 - kΩ QRatio on VBAT measurement - 3 - - Er(1) 1. Guaranteed by design. Error on Q -10 - 10 % tS_vbat(1) ADC sampling time when reading the VBAT 12 - - µs Table 78. VBAT charging characteristics Symbol Parameter Conditions Min Typ Max Unit RBC Battery charging resistor VBRS = 0 - 5 - kΩ VBRS = 1 - 1.5 - |