データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L443VCY7 データシート(PDF) 117 Page - STMicroelectronics

部品番号 STM32L443VCY7
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCY7 データシート(HTML) 117 Page - STMicroelectronics

Back Button STM32L443VCY7 Datasheet HTML 113Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 114Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 115Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 116Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 117Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 118Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 119Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 120Page - STMicroelectronics STM32L443VCY7 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 215 page
background image
DS11421 Rev 4
117/215
STM32L443CC STM32L443RC STM32L443VC
Electrical characteristics
185
APB1
DAC1
2.4
1.8
2.2
µA/MHz
RTCA
1.7
1.1
2.1
CRS
0.3
0.3
0.6
USB FS independent clock
domain
2.9
N/A
N/A
USB FS clock domain
2.3
N/A
N/A
I2C1 independent clock domain
3.5
2.8
3.4
I2C1 clock domain
1.1
0.9
1.0
I2C2 independent clock domain
3.5
3.0
3.4
I2C2 clock domain
1.1
0.7
0.9
I2C3 independent clock domain
2.9
2.3
2.5
I2C3 clock domain
0.9
0.4
0.8
LCD
0.9
0.6
0.8
LPUART1 independent clock
domain
1.9
1.6
1.8
LPUART1 clock domain
0.6
0.6
0.6
LPTIM1 independent clock
domain
2.9
2.4
2.8
LPTIM1 clock domain
0.8
0.4
0.7
LPTIM2 independent clock
domain
3.1
2.7
3.9
LPTIM2 clock domain
0.8
0.7
0.8
OPAMP
0.4
0.2
0.4
PWR
0.4
0.1
0.4
SPI2
1.8
1.6
1.6
SPI3
1.7
1.3
1.6
SWPMI1 independent clock
domain
1.9
1.6
1.9
SWPMI1 clock domain
0.9
0.7
0.8
TIM2
6.2
5.0
5.9
TIM6
1.0
0.6
0.9
TIM7
1.0
0.6
0.6
USART2 independent clock
domain
4.1
3.6
3.8
USART2 clock domain
1.3
0.9
1.1
Table 39. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More