| データシートサーチシステム |
|
STM32L443VCY7 データシート(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY7 データシート(HTML) 130 Page - STMicroelectronics |
|
130 / 215 page ![]() Electrical characteristics STM32L443CC STM32L443RC STM32L443VC 130/215 DS11421 Rev 4 IDD(MSI)(6) MSI oscillator power consumption MSI and PLL mode Range 0 - - 0.6 1 µA Range 1 - - 0.8 1.2 Range 2 - - 1.2 1.7 Range 3 - - 1.9 2.5 Range 4 - - 4.7 6 Range 5 - - 6.5 9 Range 6 - - 11 15 Range 7 - - 18.5 25 Range 8 - - 62 80 Range 9 - - 85 110 Range 10 - - 110 130 Range 11 - - 155 190 1. Guaranteed by characterization results. 2. This is a deviation for an individual part once the initial frequency has been measured. 3. Sampling mode means Low-power run/Low-power sleep modes with Temperature sensor disable. 4. Average period of MSI @48 MHz is compared to a real 48 MHz clock over 28 cycles. It includes frequency tolerance + jitter of MSI @48 MHz clock. 5. Only accumulated jitter of MSI @48 MHz is extracted over 28 cycles. For next transition: min. and max. jitter of 2 consecutive frame of 28 cycles of the MSI @48 MHz, for 1000 captures over 28 cycles. For paired transitions: min. and max. jitter of 2 consecutive frame of 56 cycles of the MSI @48 MHz, for 1000 captures over 56 cycles. 6. Guaranteed by design. Table 48. MSI oscillator characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |