データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7166ACPZF16 データシート(PDF) 142 Page - Analog Devices

部品番号 ADE7166ACPZF16
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7166ACPZF16 データシート(HTML) 142 Page - Analog Devices

Back Button ADE7166ACPZF16 Datasheet HTML 136Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 137Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 138Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 139Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 140Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 141Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 142Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 143Page - Analog Devices ADE7166ACPZF16 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 142 of 144
DETERMINING THE VERSION OF THE ADE7566/ADE7569
Each ADE7566/ADE7569 holds in its internal flash registers a
value that defines its version. This value helps to determine if users
have the latest version of the part. The ADE7566/ADE756 version
corresponding to this datasheet is ADE7566/ADE7569V3.4.
To access this value, the following procedure can be followed:
1.
Launch HyperTerminal with a 9600 baud rate.
2.
Put the part in serial download mode by first holding
SDEN to logic low then resetting the part
3.
Hold the SDEN pin.
4.
Press and release the RESET pin.
5.
The following string should appear on the HyperTerminal
screen: ADE7566V3.4 or ADE7569V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More