データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L433CBT3 データシート(PDF) 222 Page - STMicroelectronics

部品番号 STM32L433CBT3
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBT3 データシート(HTML) 222 Page - STMicroelectronics

Back Button STM32L433CBT3 Datasheet HTML 218Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 219Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 220Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 221Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 222Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 223Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 224Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 225Page - STMicroelectronics STM32L433CBT3 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 227 page
background image
Revision history
STM32L433xx
222/227
DS11449 Rev 7
10
Revision history
Table 117. Document revision history
Date
Revision
Changes
08-Feb-2016
1
Initial release.
24-May-2016
2
Updated document title.
Updated Table 2: STM32L433xx family device features
and peripheral counts.
Updated Section 3.15.3: VBAT battery voltage
monitoring.
Updated Section 3.26: Universal
synchronous/asynchronous receiver transmitter
(USART).
Updated Table 15: STM32L433xx pin definitions.
Updated Table 17: Alternate function AF8 to AF15.
Updated Table 19: Voltage characteristics.
Updated Table 22: General operating conditions.
Added Figure 20: VREFINT versus temperature.
Updated Table 24: Embedded reset and power control
block characteristics.
Updated Table 26 to Table 30 and Table 41 to Table 51.
Updated Table 51: Low-power mode wakeup timings.
Added Table 53: Wakeup time using USART/LPUART.
Updated Table 59: MSI oscillator characteristics.
Added Table 60: HSI48 oscillator characteristics.
Added Figure 27: HSI48 frequency versus temperature.
Updated Table 62: PLL, PLLSAI1 characteristics.
Updated introduction of Section 6.3.14: I/O port
characteristics.
Added note to Figure 30: Recommended NRST pin
protection.
Updated Table 75: Analog switches booster
characteristics.
Updated Table 76: ADC characteristics.
Updated Table 84: VREFBUF characteristics.
Updated Table 85: COMP characteristics.
Updated Table 101: USB electrical characteristics.
Added Section : SWPMI characteristics.
Updated Table 115: Package thermal characteristics.
21-Apr-2017
3
In whole document:
– Introduced SMPS product variant
Updated Section 2: Description.
Updated Table 2: STM32L433xx family device features
and peripheral counts.
Updated Section 3.9.1: Power supply schemes included
Figure 2: Power supply overview.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More