| データシートサーチシステム |
|
STM32L433CBU3 データシート(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBU3 データシート(HTML) 126 Page - STMicroelectronics |
|
126 / 227 page ![]() Electrical characteristics STM32L433xx 126/19 DS11449 Rev 7 APB1 RTCA 1.7 1.1 2.1 µA/MHz CRS 0.3 0.3 0.6 USB FS independent clock domain 2.9 N/A N/A USB FS clock domain 2.3 N/A N/A I2C1 independent clock domain 3.5 2.8 3.4 I2C1 clock domain 1.1 0.9 1.0 I2C2 independent clock domain 3.5 3.0 3.4 I2C2 clock domain 1.1 0.7 0.9 I2C3 independent clock domain 2.9 2.3 2.5 I2C3 clock domain 0.9 0.4 0.8 LCD 0.9 0.6 0.8 LPUART1 independent clock domain 1.9 1.6 1.8 LPUART1 clock domain 0.6 0.6 0.6 LPTIM1 independent clock domain 2.9 2.4 2.8 LPTIM1 clock domain 0.8 0.4 0.7 LPTIM2 independent clock domain 3.1 2.7 3.9 LPTIM2 clock domain 0.8 0.7 0.8 OPAMP 0.4 0.2 0.4 PWR 0.4 0.1 0.4 SPI2 1.8 1.6 1.6 SPI3 1.7 1.3 1.6 SWPMI1 independent clock domain 1.9 1.6 1.9 SWPMI1 clock domain 0.9 0.7 0.8 TIM2 6.2 5.0 5.9 TIM6 1.0 0.6 0.9 TIM7 1.0 0.6 0.6 USART2 independent clock domain 4.1 3.6 3.8 USART2 clock domain 1.3 0.9 1.1 APB1 USART3 independent clock domain 4.3 3.5 4.2 USART3 clock domain 1.5 1.1 1.3 Table 50. Peripheral current consumption (continued) Peripheral Range 1 Range 2 Low-power run and sleep Unit |