| データシートサーチシステム |
|
STM32L433CBU7P データシート(PDF) 212 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBU7P データシート(HTML) 212 Page - STMicroelectronics |
|
212 / 227 page ![]() Package information STM32L433xx 212/227 DS11449 Rev 7 7.8 LQFP48 package information This LQFP is a 48-pin, 7 x 7 mm low-profile quad flat package Note: See list of notes in the notes section. Figure 57. LQFP48 - Outline(15) SECTION A-A GAUGE PLANE B B H L S R1 R2 SECTION B-B b b1 c c1 WITH PLATING BASE METAL 1 3 2 5B_LQFP48_ME_V1 (6) aaa C A-B D 4x N/4 TIPS bbb H A-B D 4x ddd C A-B D (12) (13) (N – 4)x e ccc C A D 1/4 E 1/4 0.05 A1 A2 b C (3) E1 D 1/4 (3) (4) A 1 2 3 (2) (5) D1 D D (3) (4) E (Section A-A) B E 1/4 N (10) (5) (2) (6) A A BOTTOM VIEW TOP VIEW (L1) (2) (11) (9) (11) (11) (11) (11) (1) |