| データシートサーチシステム |
|
STM32F427IG データシート(PDF) 229 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IG データシート(HTML) 229 Page - STMicroelectronics |
|
229 / 240 page ![]() DS9405 Rev 12 229/240 STM32F427xx STM32F429xx Application block diagrams 231 B.2 USB OTG high speed (HS) interface solutions Figure 98. USB controller configured as peripheral, host, or dual-mode and used in high speed mode 1. It is possible to use MCO1 or MCO2 to save a crystal. It is however not mandatory to clock the STM32F42x with a 24 or 26 MHz crystal when using USB HS. The above figure only shows an example of a possible connection. 2. The ID pin is required in dual role only. DP STM32F4xx DM VBUS VSS DM DP ID(2) USB USB HS OTG Ctrl FS PHY ULPI High speed OTG PHY ULPI_CLK ULPI_D[7:0] ULPI_DIR ULPI_STP ULPI_NXT not connected connector MCO1 or MCO2 24 or 26 MHz XT(1) PLL XT1 XI MS19005V2 |