データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7FOXK1 データシート(PDF) 143 Page - STMicroelectronics

部品番号 ST7FOXK1
部品情報  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 データシート(HTML) 143 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 139Page - STMicroelectronics ST7FOXK1 Datasheet HTML 140Page - STMicroelectronics ST7FOXK1 Datasheet HTML 141Page - STMicroelectronics ST7FOXK1 Datasheet HTML 142Page - STMicroelectronics ST7FOXK1 Datasheet HTML 143Page - STMicroelectronics ST7FOXK1 Datasheet HTML 144Page - STMicroelectronics ST7FOXK1 Datasheet HTML 145Page - STMicroelectronics ST7FOXK1 Datasheet HTML 146Page - STMicroelectronics ST7FOXK1 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
143/226
When the I2C cell is enabled, the SDA and SCL ports must be configured as floating inputs.
In this case, the value of the external pull-up resistor used depends on the application.
When the I2C cell is disabled, the SDA and SCL ports revert to being standard I/O port pins.
Figure 70.
I2C interface block diagram
DATA REGISTER (DR)
DATA SHIFT REGISTER
COMPARATOR
OWN ADDRESS REGISTER 1 (OAR1)
CLOCK CONTROL REGISTER (CCR)
STATUS REGISTER 1 (SR1)
CONTROL REGISTER (CR)
CONTROL LOGIC
STATUS REGISTER 2 (SR2)
INTERRUPT
CLOCK CONTROL
DATA CONTROL
SCL or SCLI
SDA or SDAI
OWN ADDRESS REGISTER 2 (OAR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More