| データシートサーチシステム |
|
ST7FOXK1 データシート(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXK1 データシート(HTML) 148 Page - STMicroelectronics |
|
148 / 226 page ![]() On-chip peripherals ST7FOXF1, ST7FOXK1, ST7FOXK2 148/226 Figure 71. Transfer sequencing 1. S=Start, Sr = Repeated Start, P=Stop, A=Acknowledge, NA=Non-acknowledge, EVx=Event (with interrupt if ITE=1). 2. EV1: EVF=1, ADSL=1, cleared by reading SR1 register. 3. EV2: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register. 4. EV3: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register. 5. EV3-1: EVF=1, AF=1, BTF=1; AF is cleared by reading SR1 register. BTF is cleared by releasing the lines (STOP=1, STOP=0) or by writing DR register (DR=FFh). If lines are released by STOP=1, STOP=0, the 7-bit slave receiver S Address A Data1 A Data2 A ..... DataN A P EV1 EV2 EV2 EV2 EV4 7-bit slave transmitter S Address A Data1 A Data2 A .... . Data N NA P EV1 EV3 EV3 EV3 EV3- 1 EV4 7-bit master receiver S Address A Data1 A Data2 A .... . DataN NA P EV5 EV6 EV7 EV7 EV7 7-bit master transmitter S Address A Data1 A Data2 A .... . Data N AP EV5 EV6 EV8 EV8 EV8 EV8 10-bit slave receiver S Header A Address A Data1 A ..... DataN A P EV1 EV2 EV2 EV4 10-bit slave transmitter Sr Header A Data1 A ... Data N AP EV1 EV3 EV3 EV3- 1 EV4 10-bit master transmitter S Header A Address A Data1 A .... DataN A P EV5 EV9 EV6 EV8 EV8 EV8 10-bit master receiver Sr Header A Data1 A ..... DataN A P EV5 EV6 EV7 EV7 |