| データシートサーチシステム |
|
ST7FOXK1 データシート(PDF) 217 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXK1 データシート(HTML) 217 Page - STMicroelectronics |
|
217 / 226 page ![]() ST7FOXF1, ST7FOXK1, ST7FOXK2 Device configuration and ordering information 217/226 AN1046 UART emulation software AN1047 Managing reception errors with the ST7 SCI peripherals AN1048 ST7 software LCD Driver AN1078 PWM duty cycle switch implementing true 0% & 100% duty cycle AN1082 Description of the ST72141 motor control peripherals registers AN1083 ST72141 BLDC motor control software and flowchart example AN1105 ST7 pCAN peripheral driver AN1129 PWM management for BLDC motor drives using the ST72141 AN1130 An introduction to sensorless brushless DC motor drive applications with the ST72141 AN1148 Using the ST7263 for designing a USB mouse AN1149 Handling Suspend mode on a USB mouse AN1180 Using the ST7263 kit to implement a USB game pad AN1276 BLDC motor start routine for the ST72141 microcontroller AN1321 Using the ST72141 motor control MCU in Sensor mode AN1325 Using the ST7 USB low-speed firmware V4.x AN1445 Emulated 16-bit slave SPI AN1475 Developing an ST7265X mass storage application AN1504 Starting a PWM signal directly at high level using the ST7 16-bit timer AN1602 16-bit timing operations using ST7262 or ST7263B ST7 USB MCUs AN1633 Device firmware upgrade (DFU) implementation in ST7 non-USB applications AN1712 Generating a high resolution sinewave using ST7 PWMART AN1713 SMBus slave driver for ST7 I2C peripherals AN1753 Software UART using 12-bit ART AN1947 ST7MC PMAC sine wave motor control software library General purpose AN1476 Low cost power supply for home appliances AN1526 ST7FLITE0 quick reference note AN1709 EMC design for ST microcontrollers AN1752 ST72324 quick reference note Product evaluation AN 910 Performance benchmarking AN 990 ST7 benefits vs industry standard AN1077 Overview of enhanced CAN controllers for ST7 and ST9 MCUs AN1086 U435 can-do solutions for car multiplexing Table 96. ST7 application notes (continued) Identification Description |