| データシートサーチシステム |
|
AM261...ZNC データシート(PDF) 145 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC データシート(HTML) 145 Page - Texas Instruments |
|
145 / 218 page ![]() 6.11.5.9 Local Interconnect Network (LIN) Note The device has multiple LIN modules. LINn is a generic prefix applied to LIN signal names, where n represents the specific LIN module. For more information, see the Local Interconnect Network (LIN) Module section in the device TRM. 6.11.5.9.1 LIN Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate 2 15 V/ns OUTPUT CONDITIONS CL Output Load Capacitance 5 20 pF 6.11.5.9.2 LIN Timing Requirements NO. PARAMETER DESCRIPTION MIN MAX UNIT LIN2 td(LINn_RX) Delay time, LINn_RX shift register to LINn_RX pin 10 ns 6.11.5.9.3 LIN Switching Characteristics NO. PARAMETER DESCRIPTION MIN MAX UNIT LIN4 td(LINn_TX) Delay time, LINn_TX shift register to LINn_TX pin 10 ns www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 145 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |